Part Number Hot Search : 
4749A MJ10004 74LV2 GBS304 2N5225 3N60E MP2361DK 11N80C
Product Description
Full Text Search
 

To Download GBAT54C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G B AT 5 4 / A / C / S
Description
Silicon Schottky Barrier Double Diodes .
1/2
Package Dimensions
REF. A B C D E F
Min. 2.70 2.40 1.40 0.35 0 0.45
Millimeter
Max. 3.10 2.80 1.60 0.50 0.10 0.55
REF. G H K J L M
Millimeter Min. Max. 1.90 REF. 1.00 1.30 0.10 0.20 0.40 0.85 1.15 0C 10 C Style : Pin 1.Anode 2.Cathode 3.Common Connection Symbol Tj Tstg Ratings +125 -65 ~ +125 30 200 300 600 PD 230 V mA mA mA mW Unit
Absolute Maximum Ratings
Parameter Junction Temperature Storage Temperature Repetitive Peak Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current Surge Forward Current Total Power Dissipation at Ta = 25 :
Characteristics
characteristics
at Ta = 25 :
Symbol V(BR)R VF(1) VF(2) Min 30 Max. 240 320 400 500 1000 2.0 10 5 Unit V mV mV mV mV mV uA pF ns IR=10uA IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=25V VR=1V, f=1MHz IF=IR=10mA, RL=100 L measured at IR=1mA Test Conditions
Reverse breakdown voltage
Forward Voltage
VF(3) VF(4) VF(5) IR CT Trr
Reverse Current Total Capacitance Reverse Recover Time
2/2
Characteristics Curve
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 FAX : 86-21-38950165


▲Up To Search▲   

 
Price & Availability of GBAT54C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X